PART |
Description |
Maker |
MAU102 MAU103 MAU104 MAU105 MAU156 MAU100 MAU101 M |
1 WATT ULTRA MINIATURE SIP DC/DC CONVERTERS SINGLE AND DUAL OUTPUTS MAU100 Series / 1 Watt Ultra Miniature SIP DC/DC Converters
|
TOTAL-POWER[Total Power International]
|
SIM2-0515D-SIL7 SIM2-0512S-SIL7 |
2 Watt Ultra-Miniatur SIL-Modul-Series
|
Electronic Theatre Controls, Inc. ETC
|
MR301-12 MR301-12E MR301-12EL MR301-12ES MR301-12E |
Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:32.4W; Output Current:0.9A; Number of Outputs:1; Supply Voltage Max:265V; Supply Voltage Min:85V 双继电器可逆电机和电磁阀控制 PSU, 30W 24VPSU, 30W 24V; Voltage, output:24V; Current, output:1.3A; Power rating:30W; Voltage, supply min:85V; Voltage, supply max:265V; Length / Height, external:26mm; Width, external:55mm; Depth, external:133mm; Approval 双继电器可逆电机和电磁阀控制 RESISTOR, 680R 2 WATT 5%RESISTOR, 680R 2 WATT 5%; Resistor element type:Wirewound Ceramic; Resistance:680R; Series:WP2S; Power rating:2W; Tolerance, :5%; Tolerance, -:5%; Temp, op. max:155(degree C); Temp, op. min:-55(degree C); 双继电器可逆电机和电磁阀控制 ER 4C 4#16S PIN RECP 双继电器可逆电机和电磁阀控制 ER 5C 5#12 PIN RECP WALL 双继电器可逆电机和电磁阀控制 ER 4C 4#12 SKT RECP WALL 双继电器可逆电机和电磁阀控制 RESISTOR, 2K2 4 WATT 5%RESISTOR, 2K2 4 WATT 5%; Resistor element type:Wirewound Ceramic; Resistance:2.2kR; Series:WP4S; Power rating:4W; Tolerance, :5%; Tolerance, -:5%; Temp, op. max:155(degree C); Temp, op. min:-55(degree C); 双继电器可逆电机和电磁阀控制 Nonvolatile, Quad, 8-Bit DACs 双继电器可逆电机和电磁阀控制 ER 4C 4#12 SKT RECP 双继电器可逆电机和电磁阀控制 ER 4C 4#12 PIN RECP 双继电器可逆电机和电磁阀控制 Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Copper; Jacket Color:Ivory; Leaded Process Compatible:Yes RoHS Compliant: Yes 双继电器可逆电机和电磁阀控制 CAP CER 27000PF 50V 5% C0G 1206 双继电器可逆电机和电磁阀控制 Twin relay for motor and solenoid reversible control 双继电器可逆电机和电磁阀控制 ER 3C 1#16 2#12 SKT RECP WALL SMA FEMALE POWER DIVIDER; NUMBER OF OUTPUT PORTS: 2; FREQUENCY RANGE: 0.5 - 1 GHz; MINIMUM ISOLATION: 22 dB; VSWR: 1.20 MAXIMUM; MAXIMUM INSERTION LOSS: .20 dB ER 8C 7#16 1#12 PIN RECP WALL RECT BRIDGE 50A 800V WIRE LEADS AUTOMOTIVE RELAYS (Twin, Single) Relays
|
NEC, Corp. NEC Corp. NEC[NEC] http://
|
PSAA20R-240L6 |
20 Watt Interchangeable Plug Series PSAA20R Adapter Series Meets DOE Level VI
|
Phihong USA Inc.
|
LES020ZG LES015ZH LES015ZJ LES015YG LES015YH LES01 |
15 Watt, input voltage range:36-75V, output voltage 2.5V,(3A) DC/DC converter LES SERIES - 15 WATT TV 2C 2#16 PIN WALL RECP Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT07; No. of Contacts:5; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight TV 61C 61#20 SKT RECP LES系列- 15
|
POWER-ONE[Power-One] Maxim Integrated Products, Inc.
|
SHV12-2.0K1000P MHV MHV12-0.5K6000N MHV12-0.5K6000 |
HV-PowerSupplies -(MHV Series 2 - 2.5 Watt) HV-PowerSupplies -(MHV Series 2 - 2.5 Watt)
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
MAX6335US20D3-T MAX6336US20D3-T MAX6337US20D3-T MA |
4-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits with Manual Reset Ultra-low-voltage, low-power microprocessor circuit with manual reset (reset output active-high, push/pull . Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 4-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits with Manual Reset 4-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits with Manual Reset 4-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits with Manual Reset 4引脚,超低电压,低功耗与手动复位レP复位电路 2.5-W Mono Class-D Audio Amplifier with Variable Gain (TPA2010) 9-DSBGA -40 to 85 4引脚,超低电压,低功耗与手动复位レP复位电路 Ultra-low-voltage, low-power microprocessor circuit with manual reset (reset output active-high, push/pull . Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
5E24D 12E24D 24E24D 5E12D 5E5S 5E9S 5E5D 24E5D 24E |
µP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Analog IC 模拟IC -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE 模拟IC µP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
|
Amphenol, Corp. TE Connectivity, Ltd. Torex Semiconductor, Ltd. Dialight PLC Maxim Integrated Products, Inc.
|
RN1632A-51K-B-VB RN1632A-51K-B-VB-T1 RN1632A-60K-B |
RN series, RA series, ultra-precision chip network resistors
|
List of Unclassifed Manufacturers ETC List of Unclassifed Man...
|
SMV30222-10 SMV30223-01 SMV30224-08 SMV30224-10 SM |
VBR:8V min; 250mW; surface mount 3022/3033 series varactor super hyperabrupt tuning diode for VCXOs
|
Knox Semiconductor Inc
|
PSOT03LC12 |
500 WATT ULTRA LOW CAPACITANCE TVS ARRAY
|
Protek Devices
|